Part Number Hot Search : 
DS3254N MBR0520 CCF6054 X20C04EM 07A01 2SC4617 2SC2206 A122A
Product Description
Full Text Search
 

To Download MASW-008801-001SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-008801
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
Features
* * * * * * * * * * 75 Impedance Input Terminated Positive Voltage Control High Isolation: 50 dB at 2500 MHz 0.5 micron GaAs pHEMT Process Achieve 80 dB isolation at 216 MHz Lead-Free 3 mm 16-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible Rev. V1
Functional Schematic
Description
The MASW-008801 is a GaAs pHEMT MMIC single pole double throw (SPDT) switch in a lead-free 3 mm 16-lead PQFN package. The MASW-008801 is ideally suited for applications where low control voltage, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV and satellite systems. This part can be used in all 75 systems operating up to 3 GHz. The MASW-008801 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
Pin Configuration 3
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Pin Name N/C N/C RFC N/C N/C N/C RF2 GT2 N/C V2 V1 N/C GT1 RF1 N/C N/C Description No Connection No Connection RF Common Port No Connection No Connection No Connection RF Port 2 RF Ground No Connection Vcontrol 2 Vcontrol 1 No Connection RF Ground RF Port 1 No Connection No Connection
Ordering Information 1,2
Part Number MASW-008801-TR3000 MASW-008801-001SMB Package 3000 piece reel Sample Board
13 14 15 16
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008801
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
Electrical Specifications: TA = 25C, Z0 = 75 4, VC = 0 V / 2.9 V, PIN = 5 dBm
Parameter Test Conditions 216 MHz 550 MHz 810 MHz 1000 MHz 2200 MHz 2500 MHz 3000 MHz 216 MHz 550 MHz 810 MHz 1000 MHz 2200 MHz 2500 MHz 3000 MHz 216 MHz 550 MHz 810 MHz 1000 MHz 5 - 1000 MHz 5 - 2500 MHz 5 - 1000 MHz 5 - 2500 MHz 1000 MHz 2 tone, 5 dBm/tone, 6MHz spacing, f1 & f2 = 988 & 994 MHz 2 tone, 5 dBm/tone, 6MHz spacing, f1 & f2 = 988 & 994 MHz 132 channels, 18 dBmV/channel at the input 132 channels, 18 dBmV/channel at the input 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, 50% control to 10% RF In Band |VC| = 2.9 V Units dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm ns ns mV A Min. -- -- -- -- -- -- -- 65 -- -- 52 -- 50 -- 80 -- -- 70 -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 0.6 0.65 0.7 0.75 0.85 0.9 1 69 61 58 56 52 54 56 85 83 74 72 14 12 18 18 24 47 90 80 80 16 8 70 5 Max. -- -- -- -- -- 1.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10
Rev. V1
Insertion Loss
Isolation RFC-RF1,RF2
Isolation RF1-RF2 Return Loss (on-state) Return Loss (off-state) Input P1dB IIP3 IIP2 CSO CTB Trise, Tfall Ton, Toff Transients Control Current
4. External 0.01 F DC blocking capacitors are required on all RF In/Out and RF ground ports. See Application Schematic.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008801
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
Application Schematic
RF1
Rev. V1
Truth Table 7
V1 1 V2 0 1 RFC - RF1 On Off RFC - RF2 Off On
C2 C4 16
0
7. 1 = +2.9 to +5 V, 0 = 0 + 0.2 V.
1
75
C6 V1 V2
75
C1 RFC C7
Handling Procedures
Please observe the following precautions to avoid damage:
C5 C3
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
C1-C7 = 0.01 F
RF2
Absolute Maximum Ratings 5,6
Parameter Input Power (5 - 3000 MHz, 2.9 V Control) Operating Voltage Operating Temperature Storage Temperature Absolute Maximum +32 dBm +8.5 volts -40C to +85C -65C to +150C
5. Exceeding any one or combination of these limits may cause permanent damage. 6. Tyco Electronics does not recommend sustained operation near these survivability limits.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008801
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
Typical Performance Curves
Insertion Loss RFC - RF1
0.0
Rev. V1
Insertion Loss RFC - RF2
0.0
-0.5
-0.5
-1.0
-1.0
-1.5
+25C -40C +85C
-1.5
+25C -40C +85C
-2.0
0
500
1000
1500
2000
2500
3000
-2.0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Frequency (MHz)
Isolation RFC - RF1
-40
Isolation RFC - RF2
-40
-50
-50
-60
-60
-70
+25C -40C +85C
-70
+25C -40C +85C
-80
-80
-90
0
500
1000
1500
2000
2500
3000
-90
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Frequency (MHz)
Return Loss On-state match
0
Return Loss Off-state match
0
+25C -40C +85C
-10
-10
-20
-20
-30
+25C -40C +85C
-30
-40
-40
-50
0
500
1000
1500
2000
2500
3000
-50
0
500
1000
1500
2000
2500
3000
4
Frequency (MHz)
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008801
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
Typical Performance Curves
Isolation RF1 to RF2 (RF1 on)
0 -20 -40 -60 -80 -100 -120 -140
RF1 on @+25C RF1 on @-40C RF1 on @+85C
Rev. V1
Isolation RF1 to RF2 (RF2 on)
0 -20 -40 -60 -80 -100 -120 -140
RF2 on @+25C RF2 on @-40C RF2 on @+85C
0
200
400
600
800
1000
0
200
400
600
800
1000
Frequency (MHz)
Frequency (MHz)
Lead-Free 3 mm 16-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-008801-001SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X